PART |
Description |
Maker |
R1LP0408C R1LP0408CSB-5SI R1LP0408CSB-7LI R1LP0408 |
Wide Temperature Range Version 4 M SRAM (512-kword ??8-bit) R1LP0408C-I Series Datasheet 78K/AUG.01.03 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 】 8-bit) Memory>Low Power SRAM
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor] Renesas
|
COM-880E-3517UE |
Wide-Range Temperature Intel? 3rd Gen. Core?COM Express Basic Type 6 CPU Module
|
List of Unclassifed Man...
|
AD1385TD/883B AD1385 |
16-Bit 500 kHz Wide Temperature Range Sampling ADC(16浣?00kHz瀹芥俯搴???撮??妨/D杞???? 16-Bit 500 kHz Wide Temperature Range Sampling ADC 1-CH 16-BIT FLASH METHOD ADC, PARALLEL ACCESS, CDIP48 16-Bit 500 kHz Wide Temperature Range Sampling ADC(1600kHz宽温度范围采样A/D转换
|
Analog Devices, Inc.
|
R1LV0408CSP-7LI R1LV0408CSA-5SI R1LV0408CSA-7LI R1 |
Memory>Low Power SRAM Wide Temperature Range Version 4M SRAM (512-kword 】 8-bit) Wide Temperature Range Version 4M SRAM (512-kword 隆驴 8-bit) Wide Temperature Range Version 4M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4M SRAM (512-kword 8-bit)
|
Renesas Electronics Corporation HITACHI[Hitachi Semiconductor]
|
R1LV0416CBG-5SI R1LV0416CBG-7LI R1LV0416CBG-I |
Memory>Low Power SRAM Wide Temperature Range Version 4M SRAM (256-kword 】 16-bit) Wide Temperature Range Version 4M SRAM (256-kword × 16-bit)
|
Renesas Electronics Corporation
|
EDD12322GBH-7FTS-F EDD12322GBH-6ETS-F EDD12322GBH- |
128M bits DDR Mobile RAM?/a> WTR (Wide Temperature Range) 128M bits DDR Mobile RAM WTR (Wide Temperature Range) 128M bits DDR Mobile RAM垄芒 WTR (Wide Temperature Range)
|
Elpida Memory
|
EDD51163DBH-5BLS-F EDD51163DBH-6ELS-F EDD51163DBH- |
32M X 16 DDR DRAM, 5 ns, PBGA60 512M bits DDR Mobile RAM?/a> WTR (Wide Temperature Range), Low Power Function 512M bits DDR Mobile RAM垄芒 WTR (Wide Temperature Range), Low Power Function
|
ELPIDA MEMORY INC
|
VFHV1104LS VFGY1104LS |
Wide range temperature applicable product
|
STANLEY ELECTRIC CO.,LT...
|
LTC3714 LTC3714EG |
Wide Operating Range / Step-Down Controller with Internal Op Amp Intel Compatible, Wide Operating Range, Step-Down Controller with Internal Op Amp
|
Linear Technology http://
|
R1LV1616H-I |
Wide Temperature Range Version 16M SRAM
|
Renesas Technology
|
KP1H330KC KP1H330KR KP1H330KS KP1H330KT KP1H330LC |
CHIP TYPE, NON-POLARIZED WITH WIDE TEMPERATURE RANGE
|
DB Lectro Inc
|
EDS6416AHTA-TI EDS6416AHTA-75TI-E |
64M BITS SDRAM WTR (WIDE TEMPERATURE RANGE)
|
Elpida Memory
|